Part Number Hot Search : 
S5L1462B JANTX1 DUT731K 86108A 1604654 CH040103 ADVANCE 49102SC
Product Description
Full Text Search
 

To Download HMC1024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  amplifiers - l ine a r & p ower - chip 1 HMC1024 v00.0312 gaas phemt mmic 1 watt power amplifier, 27.5 - 33.5 ghz general description features functional diagram the hm c1024 is a four stage gaas p hem t mmi c 1 w att p ower amplifer which operates between 27.5 and 33.5 g h z. the hm c1024 provides 24 db of gain, +31 dbm of saturated output power, and 29% p a e from a +5 v power supply. the hm c1024 exhibits excellent linearity and is optimized for high capacity point to point and point to multi-point radio systems. the amplifer confguration and high gain make it an excellent candidate for last stage signal amplifcation before the antenna. all data is taken with the chip in a 50 o hm test fxture connected via (2) 0.025 mm (1 mil) diameter wire bonds of 0.31 mm (12 mil) length. s aturated o utput p ower: +31 dbm @ 29% p a e h igh o utput ip 3: +40 dbm h igh gain: 24 db dc s upply: +5v @ 600 ma n o e xternal m atching r equired die s ize: 2.79 x 1.3 x 0.1 mm electrical specifcations, t a = +25 c, vdd1, vdd2, = +5v, idd = 600 ma [1] typical applications the hm c1024 is ideal for: ? point-to-point radios ? point-to-multi-point radios ? vsat & satcom ? military & space p arameter m in. typ. m ax. units f requency r ange 27.5 - 30 30 - 33.5 g hz gain 20.5 23.5 21.5 24.5 db gain variation o ver temperature 0.025 0.025 db/ c i nput r eturn l oss 12 17 db o utput r eturn l oss 12 18 db o utput p ower for 1 db compression ( p 1db) 27 29 27 28.5 dbm s aturated o utput p ower ( p sat) 31 30.5 dbm o utput third o rder i ntercept ( ip 3) [2] 40 40 dbm total s upply current ( i dd) 600 600 ma [1] adjust vgg between -2 to 0v to achieve i dd = 600 ma typical. [2] m easurement taken at +5 v @ 600ma, p out / tone = +20 dbm for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
amplifiers - l ine a r & p ower - chip 2 HMC1024 v00.0312 gaas phemt mmic 1 watt power amplifier, 27.5 - 33.5 ghz input return loss vs. temperature output return loss vs. temperature broadband gain & return loss vs. frequency gain vs. temperature p1db vs. temperature p1db vs. supply voltage -30 -20 -10 0 10 20 30 25 27 29 31 33 35 s21 s11 s22 response (db) frequency (ghz) 16 18 20 22 24 26 28 30 27 28 29 30 31 32 33 34 +25 c +85 c -55 c gain (db) frequency (ghz) -40 -30 -20 -10 0 27 28 29 30 31 32 33 34 +25 c +85 c -55 c return loss (db) frequency (ghz) -40 -30 -20 -10 0 27 28 29 30 31 32 33 34 +25 c +85 c -55 c return loss (db) frequency (ghz) 24 26 28 30 32 34 27 28 29 30 31 32 33 34 +25c +85c -55c frequency (ghz) p1db (dbm) 24 26 28 30 32 34 27 28 29 30 31 32 33 34 5v 5.5v 6v frequency (ghz) p1db (dbm) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
amplifiers - l ine a r & p ower - chip 3 HMC1024 v00.0312 gaas phemt mmic 1 watt power amplifier, 27.5 - 33.5 ghz output ip3 vs. supply current, pout/tone = +20 dbm output ip3 vs. temperature, pout/tone = +20 dbm psat vs. supply current (idd) p1db vs. supply current (idd) psat vs. temperature psat vs. supply voltage 24 26 28 30 32 34 27 28 29 30 31 32 33 34 +25 c +85 c -55 c frequency (ghz) psat (dbm) 24 26 28 30 32 34 27 28 29 30 31 32 33 34 5v 5.5v 6v frequency (ghz) psat (dbm) 24 26 28 30 32 34 27 28 29 30 31 32 33 34 500 ma 600 ma 700 ma frequency (ghz) p1db (dbm) 24 26 28 30 32 34 28 29 30 31 32 33 34 500 ma 600 ma 700 ma frequency (ghz) psat (dbm) 25 30 35 40 45 27 28 29 30 31 32 33 34 +25 c +85 c -55 c frequency (ghz) ip3 (dbm) 25 30 35 40 45 27 28 29 30 31 32 33 34 500 ma 600 ma 700 ma frequency (ghz) ip3 (dbm) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
amplifiers - l ine a r & p ower - chip 4 HMC1024 v00.0312 gaas phemt mmic 1 watt power amplifier, 27.5 - 33.5 ghz power compression @ 30 ghz output ip3 vs. supply voltage, pout/tone = +20 dbm output im3 @ vdd = +5.5v output im3 @ vdd = +6v output im3 @ vdd = +5v 25 30 35 40 45 27 28 29 30 31 32 33 34 5v 5.5v 6v frequency (ghz) ip3 (dbm) 0 5 10 15 20 25 30 35 40 -9 -6 -3 0 3 6 9 12 pout gain pae input power (dbm) pout (dbm), gain (db), pae (%) gain & power vs. supply current @ 30 ghz 15 20 25 30 35 40 500 550 600 650 700 gain (db) p1db (dbm) psat (dbm) idd (ma) gain (db), p1db (dbm), psat (dbm) 0 10 20 30 40 50 60 70 10 12 14 16 18 20 22 24 27 ghz 29 ghz 30 ghz 31 ghz 33 ghz pout/tone (dbm) im3 (dbc) 0 10 20 30 40 50 60 70 10 12 14 16 18 20 22 24 27 ghz 29 ghz 30 ghz 31 ghz 33 ghz pout/tone (dbm) im3 (dbc) 0 10 20 30 40 50 60 70 10 12 14 16 18 20 22 24 27 ghz 29 ghz 30 ghz 31 ghz 33 ghz pout/tone (dbm) im3 (dbc) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
amplifiers - l ine a r & p ower - chip 5 HMC1024 v00.0312 gaas phemt mmic 1 watt power amplifier, 27.5 - 33.5 ghz absolute maximum ratings drain bias voltage (vdd) +7v rf i nput p ower ( rfin ) +18 dbm channel temperature 150 c continuous p diss (t= 85 c) (derate 66.6 m w /c above 85 c) 4.34 w thermal r esistance (channel to die bottom) 15.0 c/ w s torage temperature -65 to +150 c o perating temperature -55 to +85 c vdd (v) idd (ma) +5.0 600 +5.5 600 +6.0 600 note: amplifer will operate over full voltage ranges shown above, vgg adjusted to achieve idd = 600 ma at +5.5v typical supply current vs. vdd ele ct ros tat ic sensi t i v e de v ic e o b ser v e h a n d lin g pre caut ions power dissipation gain & power vs. supply voltage @ 30 ghz reverse isolation vs. temperature 15 20 25 30 35 40 5 5.2 5.5 5.7 6 gain (db) p1db (dbm) psat (dbm) vdd (v) gain (db), p1db (dbm), psat (dbm) -80 -70 -60 -50 -40 -30 -20 -10 0 27 28 29 30 31 32 33 34 +25c +85c -55c frequency (ghz) isolation (db) 0 1 2 3 4 5 -9 -5 -1 3 7 11 27 ghz 29 ghz 30 ghz 31 ghz 33 ghz power dissipation (w) input power (dbm) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
amplifiers - l ine a r & p ower - chip 6 HMC1024 v00.0312 gaas phemt mmic 1 watt power amplifier, 27.5 - 33.5 ghz outline drawing no t es : 1. a ll d imensions a re in in c hes [ mm ] 2. d ie t hi ck ness is .004 3. ty pi ca l b on d p ad is .004 s qua re 4. back si d e me ta lli zat ion : g ol d 5. b on d p ad me ta lli zat ion : g ol d 6. back si d e me ta l is g ro u n d. 7. c onne ct ion not re qu ire d for u nl ab ele d b on d p ad s . 8. ov er a ll d ie si z e .002 die packaging information [1] s tandard alternate g p -1 (gel p ack) [2] [1] refer to the packaging information section for die packaging dimensions. [2] for alternate packaging information contact hittite microwave corporation. for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
amplifiers - l ine a r & p ower - chip 7 HMC1024 v00.0312 gaas phemt mmic 1 watt power amplifier, 27.5 - 33.5 ghz application circuit pad descriptions p ad n umber f unction description i nterface s chematic 1 rfin this pad is dc coupled and matched to 50 o hms. 2, vgg gate control for amplifer. adjust vgg to achieve recom - mended bias current. e xternal bypass capacitors 100 p f , 10 n f , and 4.7 u f are required. 3 rfo ut this pad is ac coupled and matched to 50 o hms. 4, 5 vdd2, vdd1 drain bias voltage. e xternal bypass capacitors of 100 p f are required for each pad., followed by common 10 n f and 4.7 u f capacitors. die bottom g nd die bottom must be connected to rf /dc ground. for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
amplifiers - l ine a r & p ower - chip 8 HMC1024 v00.0312 gaas phemt mmic 1 watt power amplifier, 27.5 - 33.5 ghz assembly diagram for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
amplifiers - l ine a r & p ower - chip 9 HMC1024 v00.0312 gaas phemt mmic 1 watt power amplifier, 27.5 - 33.5 ghz mounting & bonding techniques for millimeterwave gaas mmics the die should be attached directly to the ground plane eutectically or with conductive epoxy (see hm c general h andling, m ounting, bonding n ote). 50 o hm m icrostrip transmission lines on 0.127mm (5 mil) thick alumina thin flm substrates are recommended for bringing rf to and from the chip ( f igure 1). i f 0.254mm (10 mil) thick alumina thin flm substrates must be used, the die should be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. o ne way to accom - plish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane ( f igure 2). m icrostrip substrates should be located as close to the die as possible in order to minimize bond wire length. typical die-to-substrate spacing is 0.076mm to 0.152 mm (3 to 6 mils). handling precautions follow these precautions to avoid permanent damage. storage: all bare die are placed in either w affle or gel based es d protec - tive containers, and then sealed in an es d protective bag for shipment. o nce the sealed es d protective bag has been opened, all die should be stored in a dry nitrogen environment. cleanliness: h andle the chips in a clean environment. d o no t attempt to clean the chip using liquid cleaning systems. static sensitivity: f ollow es d precautions to protect against > 250v es d strikes. transients: s uppress instrument and bias supply transients while bias is applied. use shielded signal and bias cables to minimize inductive pick- up. general handling: h andle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. the surface of the chip may have fragile air bridges and should not be touched with vacuum collet, tweezers, or fngers. mounting the chip is back-metallized and can be die mounted with au s n eutectic preforms or with electrically conductive epoxy. the mounting surface should be clean and fat. e utectic die attach: a 80/20 gold tin preform is recommended with a work surface temperature of 255 c and a tool temperature of 265 c. w hen hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 c. d o no t expose the chip to a temperature greater than 320 c for more than 20 seconds. n o more than 3 seconds of scrubbing should be required for attachment. e poxy die attach: apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fllet is observed around the perimeter of the chip once it is placed into position. cure epoxy per the manufacturers schedule. wire bonding ball or wedge bond with 0.025mm (1 mil) diameter pure gold wire. thermosonic wirebonding with a nominal stage temperature of 150 c and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recom - mended. use the minimum level of ultrasonic energy to achieve reliable wirebonds. w irebonds should be started on the chip and terminated on the package or substrate. all bonds should be as short as possible <0.31mm (12 mils). 0.102mm (0.004?) thick gaas mmic wire bond rf ground plane 0.127mm (0.005?) thick alumina thin film substrate 0.076mm (0.003?) figure 1. 0.102mm (0.004?) thick gaas mmic wire bond rf ground plane 0.254mm (0.010?) thick alumina thin film substrate 0.076mm (0.003?) figure 2. 0.150mm (0.005?) thick moly tab for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
amplifiers - l ine a r & p ower - chip 10 HMC1024 v00.0312 gaas phemt mmic 1 watt power amplifier, 27.5 - 33.5 ghz notes: for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com


▲Up To Search▲   

 
Price & Availability of HMC1024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X